| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 51 Page - NXP Semiconductors |
|
51 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 51 Confidential 5.2.5 PAGE 4: RF-TIMING AND CHANNEL REDUNDANCY 5.2.5.1 Page Register Selects the register page. See 5.2.1.1 Page Register. 5.2.5.2 RxWait Register Selects the time interval after transmission, before receiver starts. Name: RxWait Address: 0x21 Reset value: 00000101, 0x06 7 6 5 4 3 2 1 0 RxWait Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-0 RxWait After data transmission, the activation of the receiver is delayed for RxWait bit- clocks. During this ‘frame guard time’ any signal at pin Rx is ignored. |