| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 82 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 82 Page - NXP Semiconductors |
|
82 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 82 Confidential 7.5 Register Overview FIFO Buffer The following table shows the related flags of the FIFO buffer in alphabetic order. Flags Register Address Register, bit position FIFOLength FIFOLength 0x04, bits 6-0 FIFOOvfl ErrorFlag 0x0A, bit 4 FlushFIFO Control 0x09, bit 0 HiAlert PrimaryStatus 0x03, bit 1 HiAlertIEn InterruptIEn 0x06, bit 1 HiAlertIRq InterruptIRq 0x07, bit 1 LoAlert PrimaryStatus 0x03, bit 0 LoAlertIEn InterruptIEn 0x06, bit 0 LoAlertIRq InterruptIRq 0x07, bit 0 WaterLevel FIFOLevel 0x29, bits 5-0 Table 7-2. Registers associated with the FIFO Buffer |