| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 69 Confidential Flag(s) Register Address Register, Bit Position GsCfgMod ModConductance 0x13, bits 5:0 HiAlert PrimaryStatus 0x03, bit 1 HiAlertIEn InterruptEn 0x06, bit 1 HiAlertIRq InterruptRq 0x07, bit 1 IdleIEn InterruptEn 0x06, bit 2 IdleIRq InterruptRq 0x07, bit 2 IFDetectBusy Command 0x01, bit 7 Irq PrimaryStatus 0x03, bit 3 IRQInv IRQPinConfig 0x2D, bit 1 IRQPushPull IRQPinConfig 0x2D, bit 0 ISO Selection RxControl1 0x19, bits 4:3 KeyErr ErrorFlag 0x0A, bit 6 LoAlert PrimaryStatus 0x03, bit 0 LoAlertIEn InterruptEn 0x06, bit 0 LoAlertIRq InterruptRq 0x07, bit 0 LPOff RxControl1 0x19, bit 2 MFOUTSelect MFOUTSelect 0x26, bits 2:0 MinLevel RxThreshold 0x1C, bits 7:4 ModemState PrimaryStatus 0x03 , bit 6:4 ModulatorSource TxControl 0x11, bits 6:5 ModWidth ModWidth 0x15, bits 7:0 NoRxEGT BPSKDemControl 0x1D, bit 6 NoRxEOF BPSKDemControl 0x1D, bit 5 NoRxSOF BPSKDemControl 0x1D, bit 7 NoTxEOF TypeBFraming 0x17, bit 6 NoTxSOF TypeBFraming 0x17, bit 7 PageSelect Page 0x00, 0x08, 0x10, 0x18, 0x20, 0x28, 0x30, 0x38, bits 2:0 ParityEn ChannelRedundancy 0x22, bit 0 ParityErr ErrorFlag 0x0A, bit 1 ParityOdd ChannelRedundancy 0x22 , bit 1 PowerDown Control 0x09, bit4 RcvClkSelI RxControl2 0x1E, bit 7 RxAlign BitFraming 0x0F, bits 6:4 |