| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 25 Confidential 5.2.1.3 FIFOData Register In- and output of the 64 byte FIFO buffer. Name: FIFOData Address: 0x02 Reset value: XXXXXXXX, 0xXX 7 6 5 4 3 2 1 0 FIFOData Access Rights dy dy dy dy dy dy dy dy Description of the bits Bit Symbol Function 7-0 FIFOData Data input and output port for the internal 64 byte FIFO buffer. The FIFO buffer acts as parallel in/parallel out converter for all data stream in- and outputs. |