| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 24 Page - NXP Semiconductors |
|
24 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 24 Confidential 5.2.1.2 Command Register Starts and stops the command execution. Name: Command Address: 0x01 Reset value:X0000000, 0xX0 7 6 5 4 3 2 1 0 IFDetect Busy 0 Command Access Rights r r dy dy dy dy dy dy Description of the bits Bit Symbol Function 7 IFDetectBusy Shows the status of Interface Detection Logic: Set to 0 means ‘Interface Detection finished successfully’, Set to 1 signs ‘Interface Detection Ongoing’. 6 0 Reserved for future use. 5-0 Command Activates a command according the Command Code. Reading this register shows, which command is actually executed. |