| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 62 Page - NXP Semiconductors |
|
62 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 62 Confidential 5.2.6.6 IRQPinConfig Register Configures the output stage for pin IRQ. Name: IRQPinConfig Address: 0x2D Reset value: 00000010, 0x02 7 6 5 4 3 2 1 0 0 0 0 0 0 0 IRQInv IRQPushPull Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-2 000000 These values shall not be changed 1 IRQInv If set to 1, the signal on pin IRQ is inverted with respect to bit IRq. 0 indicates, that the signal on pin IRQ is equal to bit IRQ. 0 IRQPushPull If set to 1, pin IRQ works as standard CMOS output pad. 0 indicates, that pin IRQ works as open drain output pad. 5.2.6.7 PreSet2E Name: PreSet2E Address: 0x2E Reset value: xxxxxxxx, 0xxx 7 6 5 4 3 2 1 0 x x x x x x x x Access Rights w w w w w w w w 5.2.6.8 Preset2F Name: PreSet2F Address: 0x2F Reset value: xxxxxxxx, 0xxx 7 6 5 4 3 2 1 0 x x x x x x x x Access Rights w w w w w w w w |