| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 75 Page - NXP Semiconductors |
|
75 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 75 Confidential 6.3 Register Initialisation Files (Read/Write) Register initialisation in the register address range from 10hex to 2Fhex is done automatically during the Initialising Phase (see 11.3), using the Start Up Register Initialisation File. Furthermore, the user may initialise the CL RC632 registers with values from the Register Initialisation File executing the LoadConfig-Command (see 18.7.1). Notes: • The Page-Register (addressed with 10hex, 18hex, 20hex, 28hex) is skipped and not initialised. • Make sure, that all PreSet registers are not changed. • Make sure, that all register bits that are reserved for future use (RFU) are set to 0. 6.3.1 START UP REGISTER INITIALISATION FILE (READ/WRITE) The content of the E²PROM memory bock address 1 and 2 are used to initialise the CL RC632 registers 10hex to 2Fhex during the Initialising Phase automatically. The default values written into the E²PROM during production are shown chapter 6.3.2. The assignment is the following: E²PROM Byte Address Register Address Remark 10hex (Block 1, Byte 0) 10hex Skipped 11hex 11hex Copied … … … 2Fhex (Block 2, Byte 15) 2Fhex Copied Table 6-4: Byte Assignment for Register Initialisation at Start Up |