| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 17 Page - NXP Semiconductors |
|
17 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 17 Confidential 4.4 SPI compatible interface Additionally the serial peripheral interface (SPI) will be supported. The CL RC632 acts as a slave during the SPI communication. The SPI clock SCK has to be generated by the master. Data communication from the master to the slave uses the line MOSI. Line MISO is used to send data back from the CL RC632 to the master. CL RC632 SPI Interface ALE NSS A2 SCK A1 LOW A0 MOSI NRD HIGH NWR HIGH NCS LOW D7 ... D1 do not connect D0 MISO Table 4-3: SPI compatible interface The following table shows the µ-Processor connection to the CL RC632 using the SPI interface. CL RC632 NCS A2 A1 A0 D0 ALE NSS SCK LOW MOSI LOW MISO Figure 4-4: Connection to µ-Processors with SPI |