| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 40 Page - NXP Semiconductors |
|
40 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 40 Confidential 5.2.3.4 ModConductance Register defines the driver output conductance. Name: ModConductance Address: 0x13 Reset value: 00111111, 0x03F 7 6 5 4 3 2 1 0 0 0 GsCfgMod Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-6 00 These values shall not be changed 5-0 GsCfgMod The value of this register defines the conductance of the output driver for the time of modulation. This may be used to regulate the modulation index. Note: If Force100ASK is set to one, the value of GsCfgMod has no effect. For detailed information about GsCfgMod see 13.3 |