| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 9 Page - NXP Semiconductors |
|
9 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 9 Confidential 2 BLOCK DIAGRAM Parallel Interface Control (incl. Automatic Interface Detection & Synchronisation) Control Register Bank 64 Byte FIFO Serial Data Switch Parallel/Seriell Converter Programable Timer D0 to D7 A0, A1, A2 ALE N_WR, N_RD, N_CS 32 x 16 Byte EEPROM EEPROM Access Control Master Key Buffer Cyrpto1 Unit Bit Counter Parity Generation & Check Frame Generation & Check 32 Bit Pseudo Random Generator CRC16/CRC8 Generation & Check Power Down Control Command Register State Machine Reset Control DVDD DVSS RSTPD Bit Decoding Bit Coding MFIN MFOUT Transmitter Control TX1 TX2 TVSS TVDD FIFO Control Q-Clock Generation Power On Detect AVDD Oscillator OSCIN OSCOUT Q-Channel Amplifier Q-Channel Demodulator I-Channel Demodulator Correlation and Bit Decoding Amplitude Rating I-Channel Amplifier Reference Voltage VMID RX Analog Test MUX AUX Level Shifters Interrupt Control Voltage Monitor & Power On Detect AVSS IRQ Clock Generation, Filtering and Distribution Figure 1-1: CL RC632 Block Diagram |