| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 100 Page - NXP Semiconductors |
|
100 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 100 Confidential 13.3.1 SOURCE RESISTANCE TABLE GsCfgCW, GsCfgMod [decimal] EXPGsCfgCW, EXPGsCfgMod [decimal] MANTGsCfgCW, MANTGsCfgMod [decimal] Rsrel [Ohm] GsCfgCW, GsCfgMod [decimal] EXPGsCfgCW, EXPGsCfgMod [decimal] MANTGsCfgCW MANTGsCfgMod [decimal] Rsrel [Ohm] 0 0 0 ∞ 24 1 8 0,0652 16 1 0 ∞ 25 1 9 0,0580 32 2 0 ∞ 37 2 5 0,0541 48 3 0 ∞ 26 1 10 0,0522 1 0 1 1,0000 27 1 11 0,0474 17 1 1 0,5217 51 3 3 0,0467 2 0 2 0,5000 38 2 6 0,0450 3 0 3 0,3333 28 1 12 0,0435 33 2 1 0,2703 29 1 13 0,0401 18 1 2 0,2609 39 2 7 0,0386 4 0 4 0,2500 30 1 14 0,0373 5 0 5 0,2000 52 3 4 0,0350 19 1 3 0,1739 31 1 15 0,0348 6 0 6 0,1667 40 2 8 0,0338 7 0 7 0,1429 41 2 9 0,0300 49 3 1 0,1402 53 3 5 0,0280 34 2 2 0,1351 42 2 10 0,0270 20 1 4 0,1304 43 2 11 0,0246 8 0 8 0,1250 54 3 6 0,0234 9 0 9 0,1111 44 2 12 0,0225 21 1 5 0,1043 45 2 13 0,0208 10 0 10 0,1000 55 3 7 0,0200 11 0 11 0,0909 46 2 14 0,0193 35 2 3 0,0901 47 2 15 0,0180 22 1 6 0,0870 56 3 8 0,0175 12 0 12 0,0833 57 3 9 0,0156 13 0 13 0,0769 58 3 10 0,0140 23 1 7 0,0745 59 3 11 0,0127 14 0 14 0,0714 60 3 12 0,0117 50 3 2 0,0701 61 3 13 0,0108 36 2 4 0,0676 62 3 14 0,0100 15 0 15 0,0667 63 3 15 0,0093 Table 13-3: Source Resistance of n-Channel Driver Transistor of TX1 and TX2 vs. GsConfCW or GsCfgMod |