| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 55 Page - NXP Semiconductors |
|
55 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 55 Confidential 5.2.5.6 TimeSlotPeriod Register defines the time slot period for I •CODE1 protocol. Name: TimeSlotPeriod Address: 0x25 Reset value: 00000000, 0x00 7 6 5 4 3 2 1 0 TimeSlotPeriod Access Rights r/w r/w r/w r/w r/w r/w r/w r/w Description of the bits Bit Symbol Function 7-0 TimeSlotPeriod TimeSlotPeriod defines the time between automatically transmitted Frames. To send a Quit-Frame according to the I •CODE1 protocol, it is necessary to have a relation to the beginning of the Command-Frame. The TimeSlotPeriod will start at the End of the Command transmission. For detailed information see also chapter 9.2.5 |