| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 101 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 101 Page - NXP Semiconductors |
|
101 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 101 Confidential 13.3.2 FORMULA FOR THE SOURCE RESISTANCE The relative resistance Rsrel can be calculated by GsCfgCW EXP GsCfgCW rel MANT Rs ) ( 1 40 77 ⋅ = The relative resistance Rsrel during the modulation phase can be calculated using GsCfgMod, respectively. 13.3.3 CALCULATING THE EFFECTIVE SOURCE RESISTANCE 13.3.3.1 Wiring Resistance Wiring and bonding add a constant offset to the driver resistance, that is relevant if TX1 and TX2 are switched to low impedance. The additional resistance for TX1 can be set approximately to Ω ≈ m Rs TX wire 500 1 , 13.3.3.2 Effective Resistance The source resistances of the driver transistors RsMaxP found in the Product Information Field (see chapter 6.2) are measured at production test with GsCfgCW set to 01hex. To get the driver resistance for a specific value set in GsCfgMod the following formula may be used: ( ) 1 , 1 , max, , TX wire rel TX wire p ref x Rs Rs Rs Rs Rs + ⋅ − = . |