| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 110 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 110 Page - NXP Semiconductors |
|
110 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 110 Confidential 16 MIFARE ® HIGHER BAUDRATES The MIFARE ® Classic system is specified with a fix Baud-rate of 106 kBaud for the communication on the RF interface. ISO 14443 in the existing version also defines 106 kBaud at least for the initial phase of a communication between PICC and PCD. To speed up the communication between a terminal and a card to cover requirements for large data transmission the CL RC632 supports the MIFARE ® higher baudrates communication in combination with e.g. a µController IC like the MIFARE ® ProX. Communication direction Baudrates [kbaud] CL RC632 based PCD µC PICC supporting higher baudrates 106, 212, 424 µC PICC supporting higher baudrates CL RC632 based PCD 106, 212, 424 Table 16-1 MIFARE ® Higher Baudrates The MIFARE ® Higher Baudrates’ concept will be described in the Application Note: ‘MIFARE® Implementation of Higher Baudrates’. This Application Note will cover also the integration a MIFARE ® Higher Baudrates communication concept in current applications. |