| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 129 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 129 Page - NXP Semiconductors |
|
129 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 129 Confidential Remark: I •CODE1 do not have a SOF and a EOF GoToRx1 (100) PrepareRx (101) AwaitingRx (110) Receiving (111) Idle (000) Co mm and = Re ceiv e next bit clock Frame Received GoToRx2 (100) RxWaitCounter = 0 Signal Strength > MinLevel TxSOF (001) TxData (010) TxEOF (011) SOF transmitted EOF transmitted AND Command = Transmit Data transmitted EOF transmitted AND Command = Transceive Set CommandRegister = Idle (000) Command = (Transmit OR Receive OR Transceive) Preparing to send the Quit value RxMultiple = 1 && TimeSlotPeriod > 0 && TimeSlot Trigger && Data in FIFO Idle (000) RxMultiple = 0 && TimeSlotPeriod > 0 && TimeSlot Trigger && Data in FIFO End of Receive frame && RxMultiple = 0 && TimeSlotPeriod = 0 |