| データシートサーチシステム |
|
CLRC63201T/0FE データシート(PDF) 156 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE データシート(HTML) 156 Page - NXP Semiconductors |
|
156 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 156 Confidential 22.5.2.4 Timing for SPI compatible interface SYMBOL PARAMETER MIN MAX UNIT tSCKL SCK low pulse width 100 ns tSCKH SCK high pulse width 100 ns tSHDX SCK high to data changes 20 ns tDXSH data changes to SCK high 20 ns tSLDX SCK low to data changes 15 ns tSLNH SCK low to NSS high 20 ns Table 22-13 Timing Specification for SPI Note: To send more than bytes in one datastream the NSS signal has to low all the time. To send more than one datastream NSS has to be set to HIGH level in between the datastreams. SCK MOSI NSS MISO t SCKL t SCKL t SCKH t SHDX t DXSH MSB LSB MSB LSB t SLDX t DXSH t SLNH Figure 22 Timing Diagram for SPI |