データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9908 データシート(PDF) 136 Page - STMicroelectronics

部品番号 L9908
部品情報  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 データシート(HTML) 136 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 132Page - STMicroelectronics L9908_V01 Datasheet HTML 133Page - STMicroelectronics L9908_V01 Datasheet HTML 134Page - STMicroelectronics L9908_V01 Datasheet HTML 135Page - STMicroelectronics L9908_V01 Datasheet HTML 136Page - STMicroelectronics L9908_V01 Datasheet HTML 137Page - STMicroelectronics L9908_V01 Datasheet HTML 138Page - STMicroelectronics L9908_V01 Datasheet HTML 139Page - STMicroelectronics L9908_V01 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 152 page
background image
6.2
48 V systems
Figure 91. Application circuit, 48 V systems
6.3
Bill of materials
The following table summarizes the suggested BOM for both systems shown in Figure 90 and Figure 91.
Table 151. Application circuit - BOM
Component Min Typ Max Unit
Minimum requirement
Comment
12 V systems
24 V systems 48 V systems
CBR1
-
390
-
nF
50 V
100 V
-
CBSn
-
1
-
μF
25 V
-
CCSO1
-
220
-
pF
6.3 V
With RCSO1,2,3, is mandatory for
CSO signal stability
CCSO2
-
220
-
pF
6.3 V
CCSO3
-
220
-
pF
6.3 V
CDC1
-
10
-
nF
6.3 V
Max tolerance ±5% to be mounted
close to RDC
CDC2
-
10
-
nF
6.3 V
Max tolerance ±5% to be mounted
close to RDC
CDCd
-
220
-
nF
6.3 V
To be mounted close to pin
CFLY1
-
1
-
μF
50 V
100 V
-
L9908
Application circuit
DS13546 - Rev 5
page 136/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com