| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 116 page ![]() Chapter 1 LX2160ARDB Overview The QorIQ® LX2160A reference design board (RDB) provides a comprehensive platform that enables design and evaluation of the QorIQ LX2160A processor. The LX2160ARDB comes preloaded with Layerscape software development kit (LSDK) image. The board comes in a 1U rackmount chassis form factor. It is lead-free and RoHS-compliant. The board: • Enables network intelligence with the next generation Datapath (DPPA2) which provides differentiated offload and a rich set of input/output, including 10/25/40 Gigabit Ethernet and PCIe Gen 3 • Delivers unprecedented efficiency and new virtualized networks • Supports designs in 5G packet processing, network function virtualization, storage controller, white box switching, network interface cards, and mobile edge computing • Supports all three LX2 family members (16-core LX2160A, 12-core LX2120A, and 8-core LX2080A) This document provides detailed information about LX2160ARDB interfaces, power supplies, clocks, DIP switches, LEDs, and CPLD system controller. 1.1 Acronyms and abbreviations The table below lists and explains the acronyms and abbreviations used in this document. Table 1. Acronyms and abbreviations Term Description ATX Advanced Technology eXtended CAN Controller area network CCI Cache coherency interconnect CCS CodeWarrior connection server CPLD Complex programmable logic device CTS Clear to send DCM Development system control monitor DDR SDRAM Double data rate synchronous dynamic random-access memory DIMM Dual inline memory module DIP Dual inline package DPAA Data path acceleration architecture DUT Device under test EC Ethernet controller ECC Error correcting code ECID Electronic chip identification EDINK e500 core demonstrative interactive nanokernel EMI Ethernet management interface Table continues on the next page... NXP Semiconductors QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 3 / 116 |