データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LX2160A-RDB-B データシート(PDF) 5 Page - NXP Semiconductors

部品番号 LX2160A-RDB-B
部品情報  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B データシート(HTML) 5 Page - NXP Semiconductors

  LX2160A-RDB-B Datasheet HTML 1Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 2Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 3Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 4Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 5Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 6Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 7Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 8Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
Table 1. Acronyms and abbreviations (continued)
Term
Description
SS
Spread spectrum
SSC
Spread spectrum clocking
TCXO
Temperature compensated crystal (Xtal) oscillator
UART
Universal asynchronous receiver/transmitter
UDIMM
Unbuffered dual inline memory module
UFT
Universal frequency translator
USB
Universal serial bus
USXGMII
Universal serial 10 gigabit media independent interface
XGT
10GBase-T
XSPI
Octal serial peripheral interface
1.2 Related documentation
The table below lists and explains the additional documents and resources that you can refer to for more information on the
LX2160ARDB. Some of the documents listed below may be available only under a non-disclosure agreement (NDA). To request
access to these documents, contact your local NXP field applications engineer (FAE) or sales representative.
Table 2. Related documentation
Document
Description
Link / how to access
QorIQ LX2160A Reference Design
Board Getting Started Guide
Explains the LX2160ARDB settings and physical connections
needed to boot the board
LX2160ARDBGSG.pdf
QorIQ LX2160A Reference Design
Board Errata
Describes known errata and workarounds for the
LX2160ARDB
LX2160ARDBE.pdf
QorIQ LX2160A Product Brief
Provides a brief overview of the LX2160A processor
LX2160APB.pdf
QorIQ LX2160A Data Sheet
Provides information about electrical characteristics,
hardware design considerations, and ordering information
Contact NXP FAE /
sales representative
QorIQ LX2160A Reference Manual Provides a detailed description about the LX2160A QorIQ
multicore processor and its features, such as memory map,
serial interfaces, power supply, chip features, and clock
information
Contact NXP FAE /
sales representative
QorIQ LX2160A Chip Errata
Lists the details of all known silicon errata for the LX2160A
Contact NXP FAE /
sales representative
QorIQ LX2160A Design Checklist,
AN5407
Provides recommendations for new designs based on the
LX2160A. This document can also be used to debug newly
designed systems by highlighting those aspects of a design
that merit special attention during initial system start-up.
Contact NXP FAE /
sales representative
Layerscape Software Development
Kit User Guide
Describes how to work with LSDK, which is a complete Linux
kit for NXP QorIQ Arm-based SoCs and the reference and
evaluation boards available for them.
LSDKUG.pdf
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Overview
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
5 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More