| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 35 Page - NXP Semiconductors |
|
35 / 116 page ![]() Table 17. I2C bus device map (continued) I2C bus 7-bit address Device Description Notes 0x52 256-byte EEPROM SPD data Stores SPD and temperature data for DDR#1 UDIMM connector 2 0x53 256-byte EEPROM SPD data Stores SPD and temperature data for DDR#2 UDIMM connector 1 0x54 256-byte EEPROM SPD data Stores SPD and temperature data for DDR#2 UDIMM connector 2 0x57 Microchip AT24C02C- XHM-B: 256-byte EEPROM System ID Stores board-specific data, such as MAC addresses and serial number/errata. Write protectable. I2C1_CH1 0x4D Microchip EMC2305 5-channel PWM fan controller 0x6A Silicon Labs Si52208- A01AGM PCIe clock generator 0x74 Silicon Labs Si5341B- D08333-GM Clock synthesizer Provides SYSCLK and non-PCIe SerDes clocks I2C1_CH2 0x40 Texas Instruments INA220 VDD voltage/current/power monitor Reports voltage, current, and power data for VDD 0x63 Linear Technology LTC3882 VDD power regulator Supplies power to the core voltage rail (VDD) I2C1_CH3 0x4C NXP SA56004ED Thermal monitor 1 Monitors processor thermal diode 1 0x4D NXP SA56004FD Thermal monitor 2 Monitors processor thermal diode 2 I2C1_CH4 Unused I2C1_CH5 Unused I2C1_CH6 0x50 Microchip 24AA512-I/SN Memory for booting 40 GbE CS4223 I2C1_CH7 0x75 NXP PCA9547PW I2C bus multiplexer (secondary) Converts I2C1_CH7 channel into eight sub- channels Table continues on the next page... NXP Semiconductors LX2160ARDB Functional Description QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 35 / 116 |