| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 116 page ![]() Table 1. Acronyms and abbreviations (continued) Term Description eMMC Embedded multimedia card eSDHC Enhanced secure digital host controller FET Field-effect transistor FlexSPI Flexible serial peripheral interface FPGA Field-programmable gate array GbE Gigabit Ethernet GPIO General purpose input/output HDLC High-level data link control HSSI High-speed serial interface I2C Inter-integrated circuit JTAG Joint Test Action Group (IEEE® Standard 1149.1™) LOS Loss of signal MDIO Management data input/output OCM Offline configuration manager OTG On-The-Go PBL Pre-boot loader PLL Phase-locked loop POR Power-on reset PSU Power supply unit PTP Precision time protocol PWM Pulse width modulation QSPI Quad serial peripheral interface RCW Reset configuration word RDIMM Registered dual inline memory module RTC Real time clock RTS Request to send SATA Serial advanced technology attachment SDRAM Synchronous dynamic random-access memory SerDes Serializer/deserializer SGMII Serial gigabit media independent interface SPD Serial presence detect SPI Serial peripheral interface Table continues on the next page... NXP Semiconductors LX2160ARDB Overview QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 4 / 116 |