| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 91 Page - NXP Semiconductors |
|
91 / 116 page ![]() Table continued from the previous page... Field Function PHY40 2 TRST 1= Mask DUT_TRST_B. 1 HRST 1= Mask DUT_HRESET_B. 0 PORST 1= Mask DUT_PORESET_B. 3.42 Reset Mask 2 (RST_MASK3) Address Register Offset RST_MASK3 04Dh Function Masks selected reset sources. See RST_FORCE1 for details. Diagram Bits 7 6 5 4 3 2 1 0 R SLOT1 SLOT2 IEEE W ARST 0 0 00000 0 Fields Field Function 7 SLOT1 1= Mask RST_SLOT1_B. 6 SLOT2 1= Mask RST_SLOT2_B. 5-1 - Reserved. Table continues on the next page... NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 91 / 116 |