| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 67 Page - NXP Semiconductors |
|
67 / 116 page ![]() Diagram Bits 7 6 5 4 3 2 1 0 R FAN PSEQ CTL VTOFF ORIENT VDD TWARN TALERT W ARST 1 0 0 0 0 0 1 0 Fields Field Function 7 FAN Fan Controller Alert: 0= Fan controller operating normally. 1= Fan controller signalling IRQ. NOTE: This alarm is masked by default. 6 PSEQ Power Sequencer Fault: 0= Power sequencer operating normally. 1= Power sequencer was unable to power one or more supplies. 5 CTL Software Fault (CTL[FAIL] was set). 4 VTOFF VCC Power Supply Temp Off Fault 0= The system is powered normally. 1= The system powers off due to overtemperature of the supply monitored by VT (see bit 5). 3 ORIENT Processor Orientation Fault: 0= The processor is correctly installed. 1= The processor is installed incorrectly, and the power is turned off forcibly. 2 VDD VDD Power Supply Temperature Warning: 0= The VDD power supply temperature is within normal limits. 1= The VDD power supply temperature has exceeded warning limits. 1 TWARN Temperature Fault: 0= The temperature is within normal limits. 1= The temperature has exceeded warning limits. NOTE: This signal may be asserted by either SA56004 thermal monitor. The temperature limits depend upon software programming. 0 TALERT Temperature Alert: 0= The temperature is within normal limits. 1= The temperature has exceeded fault limits. Table continues on the next page... NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 67 / 116 |