| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 78 Page - NXP Semiconductors |
|
78 / 116 page ![]() Function The PWR_MSTAT register monitors the overall power status of the board, including that of the main (ATX or other) power supply used to power all other rails. Diagram Bits 7 6 5 4 3 2 1 0 R ATXON ATXGD FAULT PWROK SSTATE W NONE 1 1 0 0 1 0 11 Fields Field Function 7 ATXON Main Power Supply Control Status: 0= Power supply is set to off. 1= Power supply is set to on. 6 ATXGD Main Power Supply Status: 0= Power supply is off or not yet stable. 1= Power supply is on and stable. 5 - Reserved. 4 FAULT Faulted: 0= Power supply system operating normally. 1= Power supply system was shutdown for some reason. Check the ALARM register for details. 3 PWROK General Power Status: 0= One or more power supplies are off or not yet stable. 1= All power supplies are on and stable. 2 - Reserved. 1-0 SSTATE Reports the current power savings level, for those devices which support it. 11= S3 - completely on Note: If a device does not support hardware (i.e external) power savings modes, S3 is always reported. NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 78 / 116 |