| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 69 Page - NXP Semiconductors |
|
69 / 116 page ![]() Diagram Bits 7 6 5 4 3 2 1 0 R SLOT2 SLOT1 W NONE 111111 1 1 Fields Field Function 7-2 - Reserved. 1 SLOT2 (same as SLOT1) 0 SLOT1 0= a card is installed. 1= no card is installed. 3.16 LED Control (LED) Address Register Offset LED 00Eh Function The LED register can be used to directly control the monitoring LEDs (M7-M0) for software debugging or other purposes. Direct control of the LEDs is possible only when CTL[LED] is set to 1; otherwise they are used to display general system activity. Diagram Bits 7 6 5 4 3 2 1 0 R LED W GRST 00000000 Fields Field Function 7-0 LED LED Status Control: 0= LED M[bitno] is off. 1= LED M[bitno] is on. NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 69 / 116 |