データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LX2160A-RDB-B データシート(PDF) 54 Page - NXP Semiconductors

部品番号 LX2160A-RDB-B
部品情報  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B データシート(HTML) 54 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 50Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 51Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 52Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 53Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 54Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 55Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 56Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 57Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
Table 29. Startup sequence (continued)
Controller
Step
Action
Description
5
Apply power to group 3 power
supplies.
Enable group 3 power supplies, wait for all members to
report “power good” (if supported):
• SD_OVDD
• GVDD
• VTT1
• VTT2
6
Complete power sequencer;
trigger reset sequencer.
Control transfers from power to reset handlers.
The power sequencer watches for power switch events
and will restart at power sequencer step 1 if any are
detected.
Reset sequencer
1
Assert all resets.
LX2160A PORESET_B is asserted if not already
asserted.
Device resets are asserted:
• RST_PHY_40GE_B
• RST_PHY_25G_B
• RST_PHY_10G_B
• RST_EPHY[1:2]_B
• RST_SLOT[1:2]_B
• RST_QSFP_B
• RST_XSPI_B
• RST_EMMC_B
• RST_IEEESLT_B
• RST_I2CMUX_B
The LX2160A processor asserts ASLEEP and
HRESET_B in response. ASLEEP is monitored with an
LED, otherwise the signals are ignored.
2
Wait for reset clear.
Wait for reset assertion to be released. The reset
sequencer will stall as long as any reset input is asserted:
• JTAG_RST_B
• SW_RST_B
3
Sample switches.
Internal registers are reset to default values.
Registers that default to switch values are set now.
4
Drive configuration values.
Reset-sampled configuration signals are driven:
• CFG_RCW_SRC[3:0]
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
54 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More