データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LX2160A-RDB-B データシート(PDF) 74 Page - NXP Semiconductors

部品番号 LX2160A-RDB-B
部品情報  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B データシート(HTML) 74 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 70Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 71Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 72Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 73Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 74Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 75Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 76Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
Table continued from the previous page...
Field
Function
TXFLT
0= SFP module reports no transmit errors.
1= SFP module reports transmit fault.
4
RXLOS
SFP3_RX_LOS Status:
0= SFP module reports no receive errors.
1= SFP module reports receive loss-of-signal.
3-1
-
Reserved.
0
TXEN_B
SFP3_TX_EN Control:
0= SFP module transmitter is enabled.
1= SFP module transmitter is disabled.
3.22 LOS Status (LOS)
Address
Register
Offset
LOS
01Dh
Function
The LOS register reports LOS (Loss Of Signal) or LOL (Loss of Lock) for
various interfaces.
Diagram
Bits
7
6
5
4
3
2
1
0
R
CKLOL
RT25G
W
NONE
000000
0
0
Fields
Field
Function
7-2
-
Reserved.
1
SI5341 Loss of Lock:
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
74 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More