データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LX2160A-RDB-B データシート(PDF) 92 Page - NXP Semiconductors

部品番号 LX2160A-RDB-B
部品情報  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B データシート(HTML) 92 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 88Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 89Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 90Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 91Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 92Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 93Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 94Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 95Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
Table continued from the previous page...
Field
Function
0
IEEE
1= Mask RST_IEEESLT_B.
3.43 Board Configuration Registers
This block of registers control the configuration of the board. BRDCFG registers are always static, driven at all times power is
available. There are up to 16 registers providing up to 128 control options; however, not every platform implements all the
registers.
3.44 Board Configuration 0 (BRDCFG0)
Address
Register
Offset
BRDCFG0
050h
Function
The BRDCFG0 register is used to connect one of several devices to the XSPI_A interface, which is often used to boot the system.
SW1[6:8] is used to preset the register, which in turn selects the attached device as shown in the following table.
XSPI Mapping
SW1[6:8]
CFG_XSPI_MAP
CS0
CS1
000
1100
MT35XU512 (U112)
MT35XU512 (U115)
001
0011
MT35XU512 (U115)
MT35XU512 (U112)
010
0010
Dediprog EM100 (J53)
MT35XU512 (U115)
011
1101
Dediprog EM100 (J53)
MT35XU512 (U112)
100
0100
MT35XU512 (U112)
Dediprog EM100 (J53)
By changing the switch or the register, the following features are possible:
• Boot from a known-good image.
• Boot from an alternate (test) image before committing as a known-good image.
• Boot from an emulator to program blank flash.
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
92 / 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More