| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 68 Page - NXP Semiconductors |
|
68 / 116 page ![]() Table continued from the previous page... Field Function NOTE: This signal may be asserted by either SA56004 thermal monitor. The temperature limits depend upon software programming. 3.14 Presence Detect 1 (STAT_PRES1) Address Register Offset STAT_PRES1 00Bh Function The STAT_PRES1 register detects the presence and type of processor installed. Diagram Bits 7 6 5 4 3 2 1 0 R DUT W NONE 0 0101101 Fields Field Function 7 DUT Processor Present: 0= A processor is detected (soldered-in or socketed). 1= No device detected. 6-0 - Reserved. 3.15 Presence Detect 2 (STAT_PRES2) Address Register Offset STAT_PRES2 00Ch Function The STAT_PRES2 register detects the installation of cards in various PCI Express or SGMII slots. NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 68 / 116 |