| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 89 Page - NXP Semiconductors |
|
89 / 116 page ![]() Table continued from the previous page... Field Function 0 IEEE 1= Force RST_IEEESLT_B. 3.40 Reset Mask 1 (RST_MASK1) Address Register Offset RST_MASK1 04Bh Function The RST_MASKn registers are used to block reset to a particular device, independent of the general reset sequencer. As long as a bit is set to 1, the reset signal to that device or devices will be blocked. RST_MASKn bits have the same arrangement as those in the RST_FORCEn registers. Note that RST_MASK bits are cleared on AUX reset, and so can usually only be cleared by software, unlike the RST_FORCEn registers. Diagram Bits 7 6 5 4 3 2 1 0 R CLK XSPI QSFP I2CMUX EMMC W ARST 0 0 0 0 0 000 Fields Field Function 7 CLK 1= Mask RST_CLKGEN_B. 6 XSPI 1= Mask RST_XSPI_B. 5 QSFP 1= Mask RST_QSFP_B. 4 I2CMUX 1= Mask RST_I2CMUX_B. Table continues on the next page... NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 89 / 116 |