| データシートサーチシステム |
|
LX2160A-RDB-B データシート(PDF) 109 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B データシート(HTML) 109 Page - NXP Semiconductors |
|
109 / 116 page ![]() Diagram Bits 7 6 5 4 3 2 1 0 R IRQ9 IRQ10 IRQ11 W CRST 00 00 00 00 Fields Field Function 7-6 - Reserved. 5-4 IRQ9 Allows control of the IRQ9_B pin. 0X= Undriven (Z). 10= Drive IRQ9_B low. 11= Drive IRQ9_B high. The status of IRQ9_B can be monitored with the IRQSTAT registers. 3-2 IRQ10 Allows control of the IRQ10_B pin. 0X= Undriven (Z). 10= Drive IRQ10_B low. 11= Drive IRQ10_B high. The status of IRQ10_B can be monitored with the IRQSTAT registers. 1-0 IRQ11 Allows control of the IRQ11_B pin. 0X= Undriven (Z). 10= Drive IRQ11_B low. 11= Drive IRQ11_B high. The status of IRQ11_B can be monitored with the IRQSTAT registers. 3.64 Interrupt Drive 5 (IRQDRV5) Address Register Offset IRQDRV5 09Dh Function The IRQDRV5 register allows control of selected interrupt pins. NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 109 / 116 |