データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 28 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 396 page
background image
General Description
Advance Information
MC68HC708AS48 Rev. 4.0
28
General Description
MOTOROLA
1.2 Introduction
The MC68HC708AS48 is a member of the low-cost, high-performance
M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08
Family is based on the customer-specified integrated circuit (CSIC)
design strategy. All MCUs in the family use the enhanced M68HC08
central processor unit (CPU08) and are available with a variety of
modules, memory sizes and types, and package types.
1.3 Features
Features of the MC68HC708AS48 include:
High-performance M68HC08 architecture
Fully upward-compatible object code with M6805, M146805, and
M68HC05 Families
8.4-MHz internal bus frequency
49,152 bytes of on-chip UV erasable programmable read-only
memory (EPROM) or one-time programmable read-only memory
(OTPROM)
On-chip programming firmware for use with host personal
computer
EPROM/OTPROM data security1
640 bytes of on-chip electrically erasable programmable read-only
memory (EEPROM)
1,536 bytes of on-chip RAM
Serial peripheral interface module (SPI)
Serial communications interface module (SCI)
16-bit, 6-channel timer interface module (TIM)
Clock generator module (CGM)
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com