データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 95 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 396 page
background image
Central Processor Unit (CPU)
Opcode Map
MC68HC708AS48 Rev. 4.0
Advance Information
MOTOROLA
Central Processor Unit (CPU)
95
7.8 Opcode Map
The opcode map is provided in Table 7-2.
TST
opr
TSTA
TSTX
TST
opr,X
TST ,X
TST
opr,SP
Test for Negative or Zero
(A) – $00 or (X) – $00 or (M) – $00
0 – – ¤¤ –
DIR
INH
INH
IX1
IX
SP1
3D
4D
5D
6D
7D
9E6D
dd
ff
ff
3
1
1
3
2
4
TSX
Transfer SP to H:X
H:X
← (SP) + 1
– – – – – – INH
95
2
TXA
Transfer X to A
A
← (X)
– – – – – – INH
9F
1
TXS
Transfer H:X to SP
(SP)
← (H:X) – 1
– – – – – – INH
94
2
A
Accumulator
n
Any bit
C
Carry/borrow bit
opr
Operand (one or two bytes)
CCR
Condition code register
PC
Program counter
dd
Direct address of operand
PCH
Program counter high byte
dd rr
Direct address of operand and relative offset of branch instruction
PCL
Program counter low byte
DD
Direct to direct addressing mode
REL
Relative addressing mode
DIR
Direct addressing mode
rel
Relative program counter offset byte
DIX+
Direct to indexed with post increment addressing mode
rr
Relative program counter offset byte
ee ff
High and low bytes of offset in indexed, 16-bit offset addressing
SP1
Stack pointer, 8-bit offset addressing mode
EXT
Extended addressing mode
SP2
Stack pointer 16-bit offset addressing mode
ff
Offset byte in indexed, 8-bit offset addressing
SP
Stack pointer
H
Half-carry bit
U
Undefined
H
Index register high byte
V
Overflow bit
hh ll
High and low bytes of operand address in extended addressing
X
Index register low byte
I
Interrupt mask
Z
Zero bit
ii
Immediate operand byte
&
Logical AND
IMD
Immediate source to direct destination addressing mode
|
Logical OR
IMM
Immediate addressing mode
Logical EXCLUSIVE OR
INH
Inherent addressing mode
( )
Contents of
IX
Indexed, no offset addressing mode
–( )
Negation (two’s complement)
IX+
Indexed, no offset, post increment addressing mode
#
Immediate value
IX+D
Indexed with post increment to direct addressing mode
«
Sign extend
IX1
Indexed, 8-bit offset addressing mode
Loaded with
IX1+
Indexed, 8-bit offset, post increment addressing mode
?
If
IX2
Indexed, 16-bit offset addressing mode
:
Concatenated with
M
Memory location
¤
Set or cleared
N
Negative bit
Not affected
Table 7-1. Instruction Set Summary (Sheet 8 of 8)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com