データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 85 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 396 page
background image
Central Processor Unit (CPU)
CPU Registers
MC68HC708AS48 Rev. 4.0
Advance Information
MOTOROLA
Central Processor Unit (CPU)
85
7.4.5 Condition Code Register
The 8-bit condition code register contains the interrupt mask and five
flags that indicate the results of the instruction just executed. Bits 6 and
5 are set permanently to logic 1. The following paragraphs describe the
functions of the condition code register.
V — Overflow Flag Bit
The CPU sets the overflow flag when a two's complement overflow
occurs. The signed branch instructions BGT, BGE, BLE, and BLT use
the overflow flag.
1 = Overflow
0 = No overflow
H — Half-Carry Flag Bit
The CPU sets the half-carry flag when a carry occurs between
accumulator bits 3 and 4 during an ADD or ADC operation. The
half-carry flag is required for binary coded decimal (BCD) arithmetic
operations. The DAA instruction uses the states of the H and C flags
to determine the appropriate correction factor.
1 = Carry between bits 3 and 4
0 = No carry between bits 3 and 4
I — Interrupt Mask Bit
When the interrupt mask is set, all maskable CPU interrupts are
disabled. CPU interrupts are enabled when the interrupt mask is
cleared. When a CPU interrupt occurs, the interrupt mask is set
automatically after the CPU registers are saved on the stack, but
before the interrupt vector is fetched.
1 = Interrupts disabled
0 = Interrupts enabled
Bit 7
6
5
4
3
2
1
Bit 0
Read:
V
1
1
H
I
NZC
Write:
Reset:
X
1
1
X
1
X
X
X
X = Indeterminate
Figure 7-6. Condition Code Register (CCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com