データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 84 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 396 page
background image
Central Processor Unit (CPU)
Advance Information
MC68HC708AS48 Rev. 4.0
84
Central Processor Unit (CPU)
MOTOROLA
7.4.4 Program Counter
The program counter is a 16-bit register that contains the address of the
next instruction or operand to be fetched.
Normally, the program counter automatically increments to the next
sequential memory location every time an instruction or operand is
fetched. Jump, branch, and interrupt operations load the program
counter with an address other than that of the next sequential location.
During reset, the program counter is loaded with the reset vector
address located at $FFFE and $FFFF. The vector address is the
address of the first instruction to be executed after exiting the reset state.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Bit
0
Read:
Write:
Reset:
Loaded with vector from $FFFE and $FFFF
Figure 7-5. Program Counter (PC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com