データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 93 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 396 page
background image
Central Processor Unit (CPU)
Instruction Set Summary
MC68HC708AS48 Rev. 4.0
Advance Information
MOTOROLA
Central Processor Unit (CPU)
93
NEG
opr
NEGA
NEGX
NEG
opr,X
NEG ,X
NEG
opr,SP
Negate (Two’s Complement)
M
← –(M) = $00 – (M)
A
← –(A) = $00 – (A)
X
← –(X) = $00 – (X)
M
← –(M) = $00 – (M)
M
← –(M) = $00 – (M)
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
30
40
50
60
70
9E60
dd
ff
ff
4
1
1
4
3
5
NOP
No Operation
None
– – – – – – INH
9D
1
NSA
Nibble Swap A
A
← (A[3:0]:A[7:4])
– – – – – – INH
62
3
ORA #
opr
ORA
opr
ORA
opr
ORA
opr,X
ORA
opr,X
ORA ,X
ORA
opr,SP
ORA
opr,SP
Inclusive OR A and M
A
← (A) | (M)
0 – – ¤¤ –
IMM
DIR
EXT
IX2
IX1
IX
SP1
SP2
AA
BA
CA
DA
EA
FA
9EEA
9EDA
ii
dd
hh ll
ee ff
ff
ff
ee ff
2
3
4
4
3
2
4
5
PSHA
Push A onto Stack
Push (A); SP
← (SP) – 1
– – – – – – INH
87
2
PSHH
Push H onto Stack
Push (H); SP
← (SP) – 1
–––––– INH
8B
2
PSHX
Push X onto Stack
Push (X); SP
← (SP) – 1
–––––– INH
89
2
PULA
Pull A from Stack
SP
← (SP + 1); Pull (A)
–––––– INH
86
2
PULH
Pull H from Stack
SP
← (SP + 1); Pull (H)
–––––– INH
8A
2
PULX
Pull X from Stack
SP
← (SP + 1); Pull (X)
–––––– INH
88
2
ROL
opr
ROLA
ROLX
ROL
opr,X
ROL ,X
ROL
opr,SP
Rotate Left through Carry
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
39
49
59
69
79
9E69
dd
ff
ff
4
1
1
4
3
5
ROR
opr
RORA
RORX
ROR
opr,X
ROR ,X
ROR
opr,SP
Rotate Right through Carry
¤ –– ¤¤¤
DIR
INH
INH
IX1
IX
SP1
36
46
56
66
76
9E66
dd
ff
ff
4
1
1
4
3
5
RSP
Reset Stack Pointer
SP
← $FF
– – – – – – INH
9C
1
RTI
Return from Interrupt
SP
← (SP) + 1; Pull (CCR)
SP
← (SP) + 1; Pull (A)
SP
← (SP) + 1; Pull (X)
SP
← (SP) + 1; Pull (PCH)
SP
← (SP) + 1; Pull (PCL)
¤¤¤¤¤¤ INH
80
7
RTS
Return from Subroutine
SP
← SP + 1; Pull (PCH)
SP
← SP + 1; Pull (PCL)
–––––– INH
81
4
Table 7-1. Instruction Set Summary (Sheet 6 of 8)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
C
b0
b7
b0
b7
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com