データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC708AS48 データシート(PDF) 47 Page - Freescale Semiconductor, Inc

部品番号 MC68HC708AS48
部品情報  Advance Information
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC708AS48 データシート(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC68HC708AS48 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC708AS48 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 396 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC708AS48 Rev. 4.0
Advance Information
MOTOROLA
Memory Map
47
$0013
SCI Control Register 1
(SCC1)
See page 266.
Read:
LOOPS
ENSCI
TXINV
M
WAKE
ILTY
PEN
PTY
Write:
Reset:
0
0
0
0
0
0
0
0
$0014
SCI Control Register 2
(SCC2)
See page 269.
Read:
SCTIE
TCIE
SCRIE
ILIE
TE
RE
RWU
SBK
Write:
Reset:
0
0
0
0
0
0
0
0
$0015
SCI Control Register 3
(SCC3)
See page 272.
Read:
R8
T8
R
R
ORIE
NEIE
FEIE
PEIE
Write:
R
Reset:
U
U
0
0
0
0
0
0
$0016
SCI Status Register 1
(SCS1)
See page 274.
Read:
SCTE
TC
SCRF
IDLE
OR
NF
FE
PE
Write:
R
R
R
R
R
R
R
R
Reset:
1
1
0
0
0
0
0
0
$0017
SCI Status Register 2
(SCS2)
See page 278.
Read:
0
0
0
0
0
0
BKF
RPF
Write:
R
R
R
R
R
R
R
R
Reset:
0
0
0
0
0
0
0
0
$0018
SCI Data Register
(SCDR)
See page 279.
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by Reset
$0019
SCI Baud Rate Register
(SCBR)
See page 280.
Read:
0
0
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
R
R
Reset:
0
0
0
0
0
0
0
0
$001A
IRQ Status and Control
Register (ISCR)
See page 183.
Read:
0
0
0
0
IRQF
0
IMASK
MODE
Write:
R
R
R
R
R
ACK
Reset:
0
0
0
0
0
0
0
0
$001B
Reserved
$001C
PLL Control Register
(PCTL)
See page 112.
Read:
PLLIE
PLLF
PLLON
BCS
111
1
Write:
R
R
R
R
R
Reset:
0
0
1
0
1
1
1
1
Addr.
Register Name
Bit 7
6
5
4
3
2
1
Bit 0
R
= Reserved
U = Unaffected
X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 3 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com