データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 24 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 24 Page - NEC

Back Button UPD17708 Datasheet HTML 20Page - NEC UPD17708 Datasheet HTML 21Page - NEC UPD17708 Datasheet HTML 22Page - NEC UPD17708 Datasheet HTML 23Page - NEC UPD17708 Datasheet HTML 24Page - NEC UPD17708 Datasheet HTML 25Page - NEC UPD17708 Datasheet HTML 26Page - NEC UPD17708 Datasheet HTML 27Page - NEC UPD17708 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
24
2. PROGRAM MEMORY (ROM)
2.1 Outline of Program Memory
Figure 2-1 outlines the program memory.
As shown in this figure, the addresses of the program memory are specified by the program counter.
The program memory has the following two major functions.
•
To store programs
•
To store constant data
Figure 2-1. Outline of Program Memory
Instruction
Constant data
Program memory
Program counter
Address specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More