データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 57 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 57 Page - NEC

Back Button UPD17708 Datasheet HTML 53Page - NEC UPD17708 Datasheet HTML 54Page - NEC UPD17708 Datasheet HTML 55Page - NEC UPD17708 Datasheet HTML 56Page - NEC UPD17708 Datasheet HTML 57Page - NEC UPD17708 Datasheet HTML 58Page - NEC UPD17708 Datasheet HTML 59Page - NEC UPD17708 Datasheet HTML 60Page - NEC UPD17708 Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 356 page
background image
57
µPD17704, 17705, 17707, 17708, 17709
6.3 Generating Address of General Register by Each Instruction
The following sections 6.3.1 and 6.3.2 explain how the address of the general register is generated when each
instruction is executed.
For the details of the operation of each instruction, refer to 7. ALU (Arithmetic Logic Unit) BLOCK.
6.3.1 Add (“ADD r, m”, “ADDC r, m”) ,
subtract (“SUB r, m”, “SUBC r, m”) ,
logical operation (“AND r, m”, “OR r, m”, “XOR r, m”),
direct transfer (“LD r, m”, “ST m, r”), and
rotation (“RORC r”) instructions
Table 6-1 shows the address of the general register specified by operand “r” of an instruction. Operand “r”
of an instruction specifies only a column address.
Table 6-1. Generating Address of General Register
6.3.2 Indirect transfer (“MOV @r, m”, “MOV m, @r”) instruction
Table 6-2 shows a general register address specified by instruction operand “r” and an indirect transfer
address specified by “@r”.
Table 6-2. Generating Address of General Register
6.4 Cautions on Using General Register
6.4.1 Row address of general register
Because the row address of the general register is specified by the general register pointer, the currently
specified bank may differ from the bank of the general register.
6.4.2 Operation between general register and immediate data
No instruction is available that executes an operation between the general register and immediate data.
To execute an operation between the general register and immediate data, the general register must be
treated as a data memory area.
General register address
Column address
Row address
Bank
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
r
Contents of general register pointer
General register address
Indirect transfer address
Column address
Row address
Bank
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
r
Contents of general register pointer
Contents of “r”
Same as data memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More