データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 34 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 34 Page - NEC

Back Button UPD17708 Datasheet HTML 30Page - NEC UPD17708 Datasheet HTML 31Page - NEC UPD17708 Datasheet HTML 32Page - NEC UPD17708 Datasheet HTML 33Page - NEC UPD17708 Datasheet HTML 34Page - NEC UPD17708 Datasheet HTML 35Page - NEC UPD17708 Datasheet HTML 36Page - NEC UPD17708 Datasheet HTML 37Page - NEC UPD17708 Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
34
3.5 Cautions on Using Address Stack
3.5.1 Nesting level and operation on overflow
The value of address stack register (ASR15) is “undefined” when the value of the stack pointer is 0FH.
Accordingly, if a subroutine call or system call exceeding 15 levels, or an interrupt is used without
manipulating the stack, execution returns to an “undefined” address.
3.5.2 Reset on detection of overflow or underflow of address stack
Whether the device is reset on detection of overflow or underflow of the address stack can be specified by
program. At reset, the program is started from address 0, and some control registers are initialized.
This reset function is valid at power-ON reset or reset by the RESET pin. For details, refer to 21. RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More