データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 99 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 99 Page - NEC

Back Button UPD17708 Datasheet HTML 95Page - NEC UPD17708 Datasheet HTML 96Page - NEC UPD17708 Datasheet HTML 97Page - NEC UPD17708 Datasheet HTML 98Page - NEC UPD17708 Datasheet HTML 99Page - NEC UPD17708 Datasheet HTML 100Page - NEC UPD17708 Datasheet HTML 101Page - NEC UPD17708 Datasheet HTML 102Page - NEC UPD17708 Datasheet HTML 103Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 356 page
background image
99
µPD17704, 17705, 17707, 17708, 17709
11.2 General-Purpose I/O Port (P0A, P0B, P0C, P1D, P2A, P2B, P2C, P2D, P3A, P3B, P3C, P3D)
11.2.1 Configuration of I/O port
The following paragraphs (1) and (2) show the configuration of the I/O ports.
(1) P0A (P0A1, P0A0)
P0B (P0B3, P0B2, P0B1, P0B0)
P0C (P0C3, P0C2, P0C1, P0C0)
P1D (P1D3, P1D2, P1D1, P1D0)
P2A (P2A2, P2A1, P2A0)
P2B (P2B3, P2B2, P2B1, P2B0)
P2C (P2C3, P2C2, P2C1, P2C0)
P2D (P2D2, P2D1, P2D0)
P3A (P3A3, P3A2, P3A1, P3A0)
P3B (P3B3, P3B2, P3B1, P3B0)
P3C (P3C3, P3C2, P3C1, P3C0)
P3D (P3D3, P3D2, P3D1, P3D0)
Note
This is an internal signal that is output when the clock stop instruction is executed, and this circuit
is designed not to increase the current consumption due to noise even if it is floated.
VDD
VDD
I/O selection flag
Output latch
1
0
Read instruction
Port register
(1 bit)
Write instruction
CKSTOP Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More