データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 78 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 78 Page - NEC

Back Button UPD17708 Datasheet HTML 74Page - NEC UPD17708 Datasheet HTML 75Page - NEC UPD17708 Datasheet HTML 76Page - NEC UPD17708 Datasheet HTML 77Page - NEC UPD17708 Datasheet HTML 78Page - NEC UPD17708 Datasheet HTML 79Page - NEC UPD17708 Datasheet HTML 80Page - NEC UPD17708 Datasheet HTML 81Page - NEC UPD17708 Datasheet HTML 82Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
78
8.4 Port Input/Output Selection Registers
Figure 8-4 shows the configuration of the port input/output selection registers.
As shown in this figure, the port input/output select registers consist of a total of 16 nibbles (16
× 4 bits) at
addresses 60H through 6FH of BANK 15 of the data memory.
Table 8-2 lists the control functions of the port input/output selection registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More