データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 46 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 46 Page - NEC

Back Button UPD17708 Datasheet HTML 42Page - NEC UPD17708 Datasheet HTML 43Page - NEC UPD17708 Datasheet HTML 44Page - NEC UPD17708 Datasheet HTML 45Page - NEC UPD17708 Datasheet HTML 46Page - NEC UPD17708 Datasheet HTML 47Page - NEC UPD17708 Datasheet HTML 48Page - NEC UPD17708 Datasheet HTML 49Page - NEC UPD17708 Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
46
5.3 Address Register (AR)
5.3.1 Configuration of address register
Figure 5-3 shows the configuration of the address register.
As shown in the figure, the address register consists of 16 bits of system register addresses 74H through
77H (AR3 through AR0).
Figure 5-3. Configuration of Address Register
Address
Name
Symbol
Bit
Data
74H
AR3
75H
AR2
76H
AR1
77H
AR0
b3
M
S
B
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
L
S
B
Power-ON reset
WDT&SP reset
CE reset
Clock stop
Address register (AR)
0
0
0
Retained
0
0
0
Retained
0
0
0
Retained
0
0
0
Retained
Power-ON reset
WDT&SP reset
CE reset
Clock stop
: Reset by RESET pin on power application
: Reset by watchdog timer and stack pointer
: CE reset
: On execution of clock stop instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More