データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 36 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 36 Page - NEC

Back Button UPD17708 Datasheet HTML 32Page - NEC UPD17708 Datasheet HTML 33Page - NEC UPD17708 Datasheet HTML 34Page - NEC UPD17708 Datasheet HTML 35Page - NEC UPD17708 Datasheet HTML 36Page - NEC UPD17708 Datasheet HTML 37Page - NEC UPD17708 Datasheet HTML 38Page - NEC UPD17708 Datasheet HTML 39Page - NEC UPD17708 Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
36
Figure 4-1. Outline of Data Memory (2/3)
(b)
µPD17707, 17708
Note
Port input/output selection registers are allocated to addresses 60H through 6FH of BANK 15.
Cautions 1. The
µPD17707 and 17708 do not have BANKs 10 through 14.
2. Nothing is allocated to addresses 00H through 5FH of BANK15.
Peripheral hardware
Data transfer
Column address
Data memory
BANK0
Port registers
Port registers
Port registers
Port registers
BANK1
BANK2
BANK3
BANK4
BANK9
BANK15Note
System registers
Ports
0123456789
A
B
C
D
E
F
Data transfer
0
1
2
3
4
5
6
7
Data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More