データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 35 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 35 Page - NEC

Back Button UPD17708 Datasheet HTML 31Page - NEC UPD17708 Datasheet HTML 32Page - NEC UPD17708 Datasheet HTML 33Page - NEC UPD17708 Datasheet HTML 34Page - NEC UPD17708 Datasheet HTML 35Page - NEC UPD17708 Datasheet HTML 36Page - NEC UPD17708 Datasheet HTML 37Page - NEC UPD17708 Datasheet HTML 38Page - NEC UPD17708 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 356 page
background image
35
µPD17704, 17705, 17707, 17708, 17709
4. DATA MEMORY (RAM)
4.1 Outline of Data Memory
Figure 4-1 outlines the data memory.
As shown in the figure, system registers, a data buffer, port registers, and port input/output selection registers
are located on the data memory.
The data memory stores data, transfers data with the peripheral hardware or ports, and controls the CPU.
Figure 4-1. Outline of Data Memory (1/3)
(a)
µPD17709
Note
Port input/output selection registers are allocated to addresses 60H through 6FH of BANK 15.
Peripheral hardware
Data transfer
Column address
Data memory
BANK0
Port registers
Port registers
Port registers
Port registers
BANK1
BANK2
BANK3
BANK4
BANK14
BANK15Note
System registers
Ports
0123456789
A
B
C
D
E
F
Data transfer
0
1
2
3
4
5
6
7
Data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More