データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 90 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 90 Page - NEC

Back Button UPD17708 Datasheet HTML 86Page - NEC UPD17708 Datasheet HTML 87Page - NEC UPD17708 Datasheet HTML 88Page - NEC UPD17708 Datasheet HTML 89Page - NEC UPD17708 Datasheet HTML 90Page - NEC UPD17708 Datasheet HTML 91Page - NEC UPD17708 Datasheet HTML 92Page - NEC UPD17708 Datasheet HTML 93Page - NEC UPD17708 Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
90
9.4 Cautions on Using Data Buffer
Keep the following points in mind concerning the unused peripheral addresses, write-only peripheral register
(PUT only), and read-only peripheral register (GET only) when transferring data with the peripheral hardware
via data buffer.
•
An “undefined value” is read if a write-only register is read.
•
Nothing is affected even if a read-only register is written.
•
An “undefined value” is read if an unused address is read. Nor is anything affected if this address is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More