データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 17 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 17 Page - NEC

Back Button UPD17708 Datasheet HTML 13Page - NEC UPD17708 Datasheet HTML 14Page - NEC UPD17708 Datasheet HTML 15Page - NEC UPD17708 Datasheet HTML 16Page - NEC UPD17708 Datasheet HTML 17Page - NEC UPD17708 Datasheet HTML 18Page - NEC UPD17708 Datasheet HTML 19Page - NEC UPD17708 Datasheet HTML 20Page - NEC UPD17708 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 356 page
background image
17
µPD17704, 17705, 17707, 17708, 17709
(2) P0A (P0A3/SDA, P0A2/SCL) (I/O)
Note
This is an internal signal that is output when the clock stop instruction is executed, and its circuit
is designed not to increase the current consumption due to noise even if it is floated.
(3) P1B (P1B3, P1B2/PWM2, P1B1/PWM1, P1B0/PWM0) (output)
(4) P0D (P0D3/AD3, P0D2/AD2, P0D1/AD1, P0D0/AD0) (input)
Note
This is an internal signal that is output when the clock stop instruction is executed, and its circuit
is designed not to increase the current consumption due to noise even if it is floated.
VDD
CKSTOPNote
VDD
CKSTOPNote
A/D converter
P0DPLD flag
High-ON resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More