データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 42 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 42 Page - NEC

Back Button UPD17708 Datasheet HTML 38Page - NEC UPD17708 Datasheet HTML 39Page - NEC UPD17708 Datasheet HTML 40Page - NEC UPD17708 Datasheet HTML 41Page - NEC UPD17708 Datasheet HTML 42Page - NEC UPD17708 Datasheet HTML 43Page - NEC UPD17708 Datasheet HTML 44Page - NEC UPD17708 Datasheet HTML 45Page - NEC UPD17708 Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
42
Table 4-1. Data Memory Manipulation Instructions
Function
Instruction
Operation
Add
ADD
ADDC
Subtract
SUB
SUBC
Logic
AND
OR
XOR
Compare
SKE
SKGE
SKLT
SKNE
Transfer
MOV
LD
ST
Judge
SKT
SKF
4.3 Data Memory Addressing
Figure 4-3 shows address specification of the data memory.
An address of the data memory is specified by a bank, row address, and column address.
A row address and a column address are directly specified by a data memory manipulation instruction.
However, a bank is specified by the contents of a bank register.
For the details of the bank register, refer to 5. SYSTEM REGISTER (SYSREG).
Figure 4-3. Address Specification of Data Memory
Data memory address
Bank register
Column address
Row address
Bank
b3
b2
b1
b0
b2
b1
b0
b3
b2
b1
b0
Instruction operand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More