データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 88 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 88 Page - NEC

Back Button UPD17708 Datasheet HTML 84Page - NEC UPD17708 Datasheet HTML 85Page - NEC UPD17708 Datasheet HTML 86Page - NEC UPD17708 Datasheet HTML 87Page - NEC UPD17708 Datasheet HTML 88Page - NEC UPD17708 Datasheet HTML 89Page - NEC UPD17708 Datasheet HTML 90Page - NEC UPD17708 Datasheet HTML 91Page - NEC UPD17708 Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
88
Table 9-1. Relationships between Peripheral Hardware and Data Buffer (1/2)
Peripheral Hardware
Peripheral Register Transferring Data with Data Buffer
Name
Symbol
Peripheral
Execution of
I/O
Actual
address
PUT/GET
bit
bit
instruction
A/D converter
A/D converter reference
ADCR
02H
PUT/GET
8
8
voltage setting register
Serial interface
Serial interface 0
Presettable shift register 0
SIO0SFR
03H
PUT/GET
8
8
Serial interface 1
Presettable shift register 1
SIO1SFR
04H
Timer 0
Timer 0 modulo register
TM0M
1AH
PUT/GET
8
8
Timer 0 counter
TM0C
1BH
GET
8
8
Timer 1
Timer 1 modulo register
TM1M
1CH
PUT/GET
8
8
Timer 1 counter
TM1C
1DH
GET
8
8
Timer 2
Timer 2 modulo register
TM2M
1EH
PUT/GET
8
8
Timer 2 counter
TM2C
1FH
GET
8
8
Address register
Address register
AR
40H
PUT/GET
16
16
Data buffer stack
DBF stack
DBFSTK
41H
PUT/GET
16
16
PLL frequency synthesizerNote
PLL data register
PLLR
42H
PUT/GET
16
16
Frequency counter
IF counter data register
IFC
43H
GET
16
16
D/A converter
P1B0/PWM0 pin
PWM data register 0
PWMR0
44H
PUT/GET
16
9
(PWM output)
P1B1/PWM1 pin
PWM data register 1
PWMR1
45H
P1B2/PWM2 pin
PWM data register 2
PWMR2
46H
PUT/GET
16
9
Timer 3
Timer 3 modulo register
TM3M
8
Note
The programmable counter of the PLL frequency synthesizer is configured of 17 bits, of which the high-
order 16 bits indicate the PLL data register (PLLR) and the low-order bits are allocated to the PLLSCNF
flag (the third bit of address 10H).
For details, refer to 17. PLL FREQUENCY SYNTHESIZER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More