データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17708 データシート(PDF) 52 Page - NEC

部品番号 UPD17708
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD17708 データシート(HTML) 52 Page - NEC

Back Button UPD17708 Datasheet HTML 48Page - NEC UPD17708 Datasheet HTML 49Page - NEC UPD17708 Datasheet HTML 50Page - NEC UPD17708 Datasheet HTML 51Page - NEC UPD17708 Datasheet HTML 52Page - NEC UPD17708 Datasheet HTML 53Page - NEC UPD17708 Datasheet HTML 54Page - NEC UPD17708 Datasheet HTML 55Page - NEC UPD17708 Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
52
5.7 General Register Pointer (RP)
5.7.1 Configuration of General Register Pointer
Figure 5-7 shows the configuration of the general register pointer.
As shown in the figure, the general register pointer consists of 7 bits including 4 bits of system register address
7DH (RPH) and the high-order 3 bits of address 7EH (RPL).
Figure 5-7. Configuration of General Register Pointer
7DH
RPH
0
0
0
Retained
7EH
RPL
0
0
0
Retained
b3
M
S
B
b2
b1
b0
b3
b2
b1
L
S
B
b0
B
C
D
General register pointer
(RP)
Address
Name
Symbol
Bit
Data
Clock stop
Power-ON reset
WDT&SP reset
CE reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More